Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download NTE318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE318 Silicon NPN Transistor RF Power Output
Description: The NTE318 is a 12.5V epitaxial silicon NPN planar transistor designed primarily for HF communications. This device utilizes improved metallization systems to achieve extreme ruggedness under severe operating conditions. Features: D Designed for HF military and commercial equipment 40W minimum with greater than 10.0dB gain D Withstands severe mismatch under operating conditions D Low inductance Stripline Package Absolute Maximum Ratings: Collector Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Maximum Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Total Device Dissipation (+25C), PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2C/W Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Electrical Characteristics:
Parameter Symbol Test Conditions Min 18 36 4 - 10 200 - 47 10 Typ - - - - - - - - - Max - - - 1 - - 200 - - MHz pF W dB Unit V V V mA Collector-Emitter Breakdown Voltage V(BR)CEO IC = 200mA, IB = 0, Note 1 Collector-Emitter Breakdown Voltage V(BR)CES IC = 200mA, VBE = 0, Note 1 Emitter-Base Breakdown Voltage Collector Cut-Off Current DC Current Gain Gain Bandwidth Output Capacitance Amplifier Power Out Amplifier Power Gain V(BR)EBO IE = 2.5mA, IC = 0 ICBO hFE ft Cob PO Pg VCB = 15V, IE = 0 VCE = 5V, IC = 250mA VCE = 13.5V, IC = 100mA VCB = 12.5V, IC = 0, -FO = 1.0MHz 28MHz/12.5V
Note 1. Pulsed through 25mH Inductor
.725 (18.42)
.127 (3.17) Dia (2 Holes) C
E .250 (6.35) B .225 (5.72)
E
1.061 (26.95)
Ceramic Cap .480 (12.1) Dia
.260 (6.6)
.065 (1.68)
.975 (24.77)
.095 (2.42)


▲Up To Search▲   

 
Price & Availability of NTE318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X